PART |
Description |
Maker |
74LCX16374MTD 74LCX16374 74LCX16374G 74LCX16374MEA |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 低电6位D类触发器V容限输入和输出拖 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs; Package: TSSOP; No of Pins: 48; Container: Tape & Reel LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVT16374 74LVTH16374 74LVT16374GX 74LVTH16374GX |
32K, 4K X 8, 2.5V SER EE EXT, -40C to 125C, 8-SOIC 208mil, T/R 触发器| 16位| D型|小型终端/ ALVT,BICMOS工艺| SSOP封装| 48PIN |塑料 Low Voltage 16-Bit D-Type Flip-Flop From old datasheet system Low Voltage 16-Bit D Flip-Flop with 3-STATE Outputs
|
ON Semiconductor Fairchild Semiconductor
|
M27V201 M27V201-100B1TR M27V201-100B6TR M27V201-10 |
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-TSSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TSSOP -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TVSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 Fuse Holder; Mounting Type:PC Board; For Use With:PC Board Fuses; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating, AC:250V; Voltage Rating, DC:450V; Accessory Type:Mounting Socket 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TVSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TSSOP -40 to 85 16 Mbit 2Mb x8 or 1Mb x16 Low Voltage UV EPROM and OTP EPROM NND - 2 MBIT (256KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVC162374 74ALVC162374T 74ALVC162374TX |
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX16841 74LCX16841MTD 74LCX16841MEA 74LCX16841M |
Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs 10-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
28C17A-25/K 28C17A-25I/K 28C17AF-25/K 28C17A-20/K |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ 128Kx8 EEPROM 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs x8的EEPROM
|
STMicroelectronics N.V.
|
74VCX16374DT 74VCX16374DTR |
Low-Voltage 1.8/2.5/3.3V 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
MC74LCX16374DTG MC74LCX1637412 M74LCX16374DTR2G |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
MC74LCX16374DTR2 |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|